PART |
Description |
Maker |
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
CAT25C16YA-GT3 CAT25C16YA-1.8-GT3 CAT25C16VE-GT3 C |
8K/16K SPI Serial CMOS EEPROM 8K/16K SPI串行EEPROM中的CMOS
|
Emulation Technology, Inc. Yageo, Corp. Rectron Semiconductor
|
24LC164T-I_SNSQTP 24LC164 24LC164-_P 24LC164-_PQTP |
16K 2.5V Cascadable I2C⑩ Serial EEPROM 16K 2.5V Cascadable I2C Serial EEPROM 16K 2.5V Cascadable I2C?/a> Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
HN58X2464T-SR HN58X2404T-SR HN58X2402T-SR HN58X243 |
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM 两线串行接口2k / 4K 8K 16K 32K 64K的EEPROM
|
Hitachi,Ltd.
|
CAT24AC128PI-1.8REV-A CAT24AC128JE-1.8REV-A CAT24A |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-001, DIP-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, LEAD FREE AND HALOGEN FREE, PLASTIC, MS-001, DIP-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 TSSOP-14 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, LEAD FREE AND HALOGEN FREE, MS-012, SOIC-8
|
Vicor, Corp. NXP Semiconductors N.V. Fox Electronics Unisonic Technologies Co., Ltd.
|
CAT25C17GVETE13 CAT25C09PATE13 CAT25C09SETE13 CAT2 |
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储
|
Electronic Theatre Controls, Inc. Glenair, Inc. Atmel, Corp. Integrated Device Technology, Inc. Vicor, Corp.
|
CAT11630711 CAT1163LI-25-G CAT1163LI-28-G CAT1163L |
Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
|
Catalyst Semiconductor
|
93C56B-I_SN 93C76BT-E_OT 93LC465CT-E_OT 93LC86AT-I |
1K-16K Microwire Compatible Serial EEPROMs 128 X 8 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Microchip Technology
|
BR9016RFV BR9016F BR9016 BR9080F BR9080RFV BR9080 |
8k, 16k bit EEPROMs for direct connection to serial ports 8k 16k bit EEPROMs for direct connection to serial ports 8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM
|
ROHM[Rohm] Rohm Co., Ltd.
|
IDT7006L55G IDT7006L55GB IDT7006S35G IDT7006S15F I |
Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter; Package: MLP; No of Pins: 12; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 17 ns, PQCC68 Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter 16K X 8 DUAL-PORT SRAM, 20 ns, PQFP68 Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter 16K X 8 DUAL-PORT SRAM, 20 ns, CPGA68 Regulated Step-Up/Step-Down Charge Pump DC/DC Converter; Package: MLP; No of Pins: 8; Container: Tape & Reel 高6K的8双端口静态RAM HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP68 Wide Input Voltage PWM/PFM Controller 16K X 8 DUAL-PORT SRAM, 15 ns, PQFP64 Low Dropout LED Driver for White, Blue or any Color LED; Package: SC70; No of Pins: 6; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP68 HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 High Efficiency Adaptive Charge pump 5V Boost; Package: WL-CSP; No of Pins: 8; Container: Tape & Reel 800mA 3MHz Digitally Programmable DC/DC converter; Package: WL-CSP; No of Pins: 12; Container: Tape & Reel Indicator LED Blinker with Single-Wire Interface; Package: MLP; No of Pins: 6; Container: Tape & Reel
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|